| データシートサーチシステム |
|
SPC560P60L5 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P60L5 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 104 page ![]() Package pinouts and signal descriptions SPC56xP54x, SPC56xP60x 32/104 Doc ID 18340 Rev 3 MDO7 Nexus Message Data Output—line 7 Output Only Fast — — 110 MDO8 Nexus Message Data Output—line 8 Output Only Fast — — 111 MDO9 Nexus Message Data Output—line 9 Output Only Fast — — 112 MDO10 Nexus Message Data Output—line 10 Output Only Fast — — 166 MDO11 Nexus Message Data Output—line 11 Output Only Fast — — 171 RDY Nexus ready output Output Only — — — — 172 NMI Non-Maskable Interrupt Input Only — — 1 1 1 XTAL Analog output of the oscillator amplifier circuit. Needs to be grounded if oscillator is used in bypass mode. —— — 18 29 37 EXTAL Analog input of the oscillator amplifier circuit, when the oscillator is not in bypass mode. Analog input for the clock generator when the oscillator is in bypass mode. —— — 19 30 38 TMS(3) JTAG state machine control Input Only — — 59 87 105 TCK(3) JTAG clock Input Only — — 60 88 106 TDI(3) JTAG data input Input Only — — 58 86 104 TDO(3) JTAG data output Output Only — — 61 89 107 Reset pin RESET(4) Bidirectional reset with Schmitt trigger characteristics and noise filter Bidirec- tional Medium — 20 31 39 Test pin VPP TEST Pin for testing purpose only. To be tied to ground in normal operating mode. — — — 74 107 131 VREG_BYPASS Pin for testing purpose only. To be tied to ground in normal operating mode. —— — 34 51 59 1. SRC values refer to the value assigned to the Slew Rate Control bits of the pad configuration register. 2. LQFP176 available only as development package. 3. In this pin there is an internal pull, refer to JTAGC chapter in the device reference manual for pull direction. 4. Its configuration can be set up by the PCR[108] register inside the SIU module. See SIUL chapter in the device reference manual. Table 6. System pins (continued) Symbol Description Direction Pad Speed(1) Pin SRC=0 SRC=1 LQFP 100 LQFP 144 LQFP 176(2) |