データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC70L8 データシート(PDF) 22 Page - STMicroelectronics

部品番号 SPC56EC70L8
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L8 データシート(HTML) 22 Page - STMicroelectronics

Back Button SPC56EC70L8 Datasheet HTML 18Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 19Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 20Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 21Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 22Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 23Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 24Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 25Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 118 page
background image
Package pinouts and signal descriptions
SPC564Bxx - SPC56ECxx
22/118
Doc ID 17478 Rev 4
PB[2]
PCR[18]
AF0
AF1
AF2
AF3
GPIO[18]
LIN0TX
SDA
E0UC[30]
SIUL
LINFlexD_0
I2C
eMIOS_0
I/O
O
I/O
I/O
M/S
Tristate
176
208
A2
PB[3]
PCR[19]
AF0
AF1
AF2
AF3
—
—
GPIO[19]
E0UC[31]
SCL
—
WKPU[11]
LIN0RX
SIUL
eMIOS_0
I2C
—
WKPU
LINFlexD_0
I/O
I/O
I/O
—
I
I
STristate
1
1
D4
PB[4]
PCR[20]
AF0
AF1
AF2
AF3
—
—
GPI[20]
—
—
—
ADC0_P[0]
ADC1_P[0]
SIUL
—
—
—
ADC_0
ADC_1
I
—
—
—
I
I
I
Tristate
88
104
T16
PB[5]
PCR[21]
AF0
AF1
AF2
AF3
—
—
GPI[21]
—
—
—
ADC0_P[1]
ADC1_P[1]
SIUL
—
—
—
ADC_0
ADC_1
I
—
—
—
I
I
I
Tristate
91
107
N13
PB[6]
PCR[22]
AF0
AF1
AF2
AF3
—
—
GPI[22]
—
—
—
ADC0_P[2]
ADC1_P[2]
SIUL
—
—
—
ADC_0
ADC_1
I
—
—
—
I
I
I
Tristate
92
108
N14
PB[7]
PCR[23]
AF0
AF1
AF2
AF3
—
—
GPI[23]
—
—
—
ADC0_P[3]
ADC1_P[3]
SIUL
—
—
—
ADC_0
ADC_1
I
—
—
—
I
I
I
Tristate
93
109
R16
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More