データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC64B3 データシート(PDF) 25 Page - STMicroelectronics

部品番号 SPC56EC64B3
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC64B3 データシート(HTML) 25 Page - STMicroelectronics

Back Button SPC56EC64B3 Datasheet HTML 21Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 22Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 23Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 24Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 25Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 26Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 27Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 28Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
25/118
PC[5]
PCR[37]
AF0
AF1
AF2
AF3
ALT4
—
GPIO[37]
SOUT_1
CAN3TX
—
FR_A_TX
EIRQ[7]
SIUL
DSPI_1
FlexCAN_3
—
Flexray
SIUL
I/O
O
O
—
O
I
M/S
Tristate
158
182
B9
PC[6]
PCR[38]
AF0
AF1
AF2
AF3
GPIO[38]
LIN1TX
E1UC[28]
—
SIUL
LINFlexD_1
eMIOS_1
—
I/O
O
I/O
—
STristate
44
52
N3
PC[7]
PCR[39]
AF0
AF1
AF2
AF3
—
—
GPIO[39]
—
E1UC[29]
—
LIN1RX
WKPU[12]
SIUL
—
eMIOS_1
—
LINFlexD_1
WKPU
I/O
—
I/O
—
I
I
STristate
45
53
N4
PC[8]
PCR[40]
AF0
AF1
AF2
AF3
GPIO[40]
LIN2TX
E0UC[3]
—
SIUL
LINFlexD_2
eMIOS_0
—
I/O
O
I/O
—
S
Tristate
175
207
B3
PC[9]
PCR[41]
AF0
AF1
AF2
AF3
—
—
GPIO[41]
—
E0UC[7]
—
LIN2RX
WKPU[13]
SIUL
—
eMIOS_0
—
LINFlexD_2
WKPU
I/O
—
I/O
—
I
I
STristate
2
2
C3
PC[10]
PCR[42]
AF0
AF1
AF2
AF3
GPIO[42]
CAN1TX
CAN4TX
MA[1]
SIUL
FlexCAN_1
FlexCAN_4
ADC_0
I/O
O
O
O
M/S
Tristate
36
36
L1
PC[11]
PCR[43]
AF0
AF1
AF2
AF3
—
—
—
GPIO[43]
—
—
MA[2]
CAN1RX
CAN4RX
WKPU[5]
SIUL
—
—
ADC_0
FlexCAN_1
FlexCAN_4
WKPU
I/O
—
—
O
I
I
I
STristate
35
35
K4
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More