| データシートサーチシステム |
|
ST7MDT10-20 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MDT10-20 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() ST7MDT10-20/DVP 2/3 Revision history Figure 4. SO20 application board connection Date Revision Changes 12-October-2005 1 Initial release. 1. Solder the connection pins to your application board. When soldering, insert the connection pins into the device adapter, which serves as a support to ensure correct alignment. 2. Plug flat cable into the J1 connector on the adapter 3. Align pin 1 indicators, then insert the pins of the DIP20 adapter into the DIP20-SO20 device adapter. Pin 1 Indicators |