データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MDT10-32 データシート(PDF) 2 Page - STMicroelectronics

部品番号 ST7MDT10-32
部品情報  SDIP32/SO28 Connection Kit for ST7MDT10-DVP3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-32 データシート(HTML) 2 Page - STMicroelectronics

  ST7MDT10-32 Datasheet HTML 1Page - STMicroelectronics ST7MDT10-32 Datasheet HTML 2Page - STMicroelectronics ST7MDT10-32 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ST7MDT10-32/DVP
2/3
Revision history
Figure 5.
SO28 application board connection
Date
Revision
Changes
12-October-2005
1
Initial release.
1. Solder the connection pins to your
application board. When soldering, insert the
connection pins into the device adapter, which
serves as a support to ensure correct
alignment.
2. Plug flat cables into the
corresponding J1 and J2
connectors on the adapter
3. Align pin 1 indicators, then
insert the pins of the SDIP32
adapter into the SDIP32-
SO28 device adapter.
Pin 1
Indicators



Html Pages

1 2 3