データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F276E データシート(PDF) 103 Page - STMicroelectronics

部品番号 ST10F276E
部品情報  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E データシート(HTML) 103 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 99Page - STMicroelectronics ST10F276E Datasheet HTML 100Page - STMicroelectronics ST10F276E Datasheet HTML 101Page - STMicroelectronics ST10F276E Datasheet HTML 102Page - STMicroelectronics ST10F276E Datasheet HTML 103Page - STMicroelectronics ST10F276E Datasheet HTML 104Page - STMicroelectronics ST10F276E Datasheet HTML 105Page - STMicroelectronics ST10F276E Datasheet HTML 106Page - STMicroelectronics ST10F276E Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 235 page
background image
ST10F276E
CAN modules
Doc ID 12303 Rev 3
103/235
Multiple CAN bus
The ST10F276E provides two CAN interfaces to support such kind of bus configuration as
shown in Figure 22.
Figure 22.
Connection to two different CAN buses (e.g. for gateway application)
Parallel Mode
In addition to previous configurations, a parallel mode is supported. This is shown in
Figure 23.
Figure 23.
Connection to one CAN bus with internal Parallel Mode enabled
1.
P4.4 and P4.7 when not used as CAN functions can be used as general purpose I/O while they cannot be
used as external bus address lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More