| データシートサーチシステム |
|
ST10F276E データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F276E データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 235 page ![]() Bootstrap loader ST10F276E 50/235 Doc ID 12303 Rev 3 Other than after a normal reset the watchdog timer is disabled, so the bootstrap loading sequence is not time limited. Depending on the selected serial link (UART0 or CAN1), pin TxD0 or CAN1_TxD is configured as output, so the ST10F276E can return the acknowledge byte. Even if the internal IFLASH is enabled, a code cannot be executed from it. |