| データシートサーチシステム |
|
ST10F276E データシート(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F276E データシート(HTML) 129 Page - STMicroelectronics |
|
129 / 235 page ![]() ST10F276E System reset Doc ID 12303 Rev 3 129/235 The start-up configurations and some system features are selected on reset sequences as described in Table 62 and Figure 42. Table 62 describes what is the system configuration latched on PORT0 in the six different reset modes. Figure 42 summarizes the state of bits of PORT0 latched in RP0H, SYSCON, BUSCON0 registers. Software Reset (2) x 0 N Synch. Not activated 0 0010 x 0 N Synch. Not activated 0 0010 0 1 Y Synch. Not activated 0 0010 1 1 Y Synch. Activated by internal logic for 1024 TCL 0 0010 Watchdog Reset (2) x 0 N Synch. Not activated 0 0011 x 0 N Synch. Not activated 0 0011 0 1 Y Synch. Not activated 0 0011 1 1 Y Synch. Activated by internal logic for 1024 TCL 0 0011 1. It can degenerate into a Long Hardware Reset and consequently differently flagged (see Section 19.3 for details). 2. When Bidirectional is active (and with RPD=0), it can be followed by a Short Hardware Reset and consequently differently flagged (see Section 19.6 for details). Table 61. Reset event (continued) Event RSTIN WDTCON flags Min Max Table 62. PORT0 latched configuration for the different reset events X: Pin is sampled -: Pin is not sampled PORT0 Sample event Software Reset - - - XX XXXX X - - ---- Watchdog Reset - - - XX XXXX X - - ---- Synchronous Short Hardware Reset - - - XX XXXX XXXXX XX Synchronous Long Hardware Reset XXXXX XXXX XXXXX XX Asynchronous Hardware Reset XXXXX XXXX XXXXX XX Asynchronous Power-On Reset XXXXX XXXX XXXXX XX |