データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F276E データシート(PDF) 225 Page - STMicroelectronics

部品番号 ST10F276E
部品情報  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E データシート(HTML) 225 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 221Page - STMicroelectronics ST10F276E Datasheet HTML 222Page - STMicroelectronics ST10F276E Datasheet HTML 223Page - STMicroelectronics ST10F276E Datasheet HTML 224Page - STMicroelectronics ST10F276E Datasheet HTML 225Page - STMicroelectronics ST10F276E Datasheet HTML 226Page - STMicroelectronics ST10F276E Datasheet HTML 227Page - STMicroelectronics ST10F276E Datasheet HTML 228Page - STMicroelectronics ST10F276E Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 235 page
background image
ST10F276E
Electrical characteristics
Doc ID 12303 Rev 3
225/235
Figure 68.
SSC master timing
1.
The phase and polarity of shift and latch edge of SCLK is programmable. This figure uses the leading clock
edge as shift edge (drawn in bold), with latch on trailing edge (SSCPH = 0b), idle clock line is low, leading
clock edge is low-to-high transition (SSCPO = 0b).
2.
The bit timing is repeated for all bits to be transmitted or received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More