| データシートサーチシステム |
|
S29AS016J データシート(PDF) 20 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29AS016J データシート(HTML) 20 Page - SPANSION |
|
20 / 60 page ![]() 20 S29AS016J S29AS016J_00_11 February 1, 2012 Da ta Sh e e t Note Address range is A19:A-1 in byte mode and A19:A0 in word mode. See the Word/Byte Configuration on page 15. Table 7.4 Sector Address Tables (Bottom Boot Device) Sector A19 A18 A17 A16 A15 A14 A13 A12 Sector Size (Kbytes/ Kwords) Address Range (in hexadecimal) Byte Mode (x8) Word Mode (x16) SA0 00000000 8/4 000000–001FFF 00000–00FFF SA1 00000001 8/4 002000–003FFF 01000–01FFF SA2 00000010 8/4 004000–005FFF 02000–02FFF SA3 00000011 8/4 006000–007FFF 03000–03FFF SA4 00000100 8/4 008000–009FFF 04000–04FFF SA5 00000101 8/4 00A000–00BFFF 05000–05FFF SA6 00000110 8/4 00C000–00DFFF 06000–06FFF SA7 00000111 8/4 00E000–00FFFF 07000–07FFF SA8 00001 X X X 64/32 010000–01FFFF 08000–0FFFF SA9 00010 X X X 64/32 020000–02FFFF 10000–17FFF SA10 00011 X X X 64/32 030000–03FFFF 18000–1FFFF SA11 00100 X X X 64/32 040000–04FFFF 20000–27FFF SA12 00101 X X X 64/32 050000–05FFFF 28000–2FFFF SA13 00110 X X X 64/32 060000–06FFFF 30000–37FFF SA14 00111 X X X 64/32 070000–07FFFF 38000–3FFFF SA15 01000 X X X 64/32 080000–08FFFF 40000–47FFF SA16 01001 X X X 64/32 090000–09FFFF 48000–4FFFF SA17 01010 X X X 64/32 0A0000–0AFFFF 50000–57FFF SA18 01011 X X X 64/32 0B0000–0BFFFF 58000–5FFFF SA19 01100 X X X 64/32 0C0000–0CFFFF 60000–67FFF SA20 01101 X X X 64/32 0D0000–0DFFFF 68000–6FFFF SA21 01110 X X X 64/32 0E0000–0EFFFF 70000–77FFF SA22 01111 X X X 64/32 0F0000–0FFFFF 78000–7FFFF SA23 10000 X X X 64/32 100000–10FFFF 80000–87FFF SA24 10001 X X X 64/32 110000–11FFFF 88000–8FFFF SA25 10010 X X X 64/32 120000–12FFFF 90000–97FFF SA26 10011 X X X 64/32 130000–13FFFF 98000–9FFFF SA27 10100 X X X 64/32 140000–14FFFF A0000–A7FFF SA28 10101 X X X 64/32 150000–15FFFF A8000–AFFFF SA29 10110 X X X 64/32 160000–16FFFF B0000–B7FFF SA30 10111 X X X 64/32 170000–17FFFF B8000–BFFFF SA31 11000 X X X 64/32 180000–18FFFF C0000–C7FFF SA32 11001 X X X 64/32 190000–19FFFF C8000–CFFFF SA33 11010 X X X 64/32 1A0000–1AFFFF D0000–D7FFF SA34 11011 X X X 64/32 1B0000–1BFFFF D8000–DFFFF SA35 11100 X X X 64/32 1C0000–1CFFFF E0000–E7FFF SA36 11101 X X X 64/32 1D0000–1DFFFF E8000–EFFFF SA37 11110 X X X 64/32 1E0000–1EFFFF F0000–F7FFF SA38 11111 X X X 64/32 1F0000–1FFFFF F8000–FFFFF |