| データシートサーチシステム |
|
STPS40SM120C データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS40SM120C データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() This is information on a product in full production. April 2012 Doc ID 022917 Rev 1 1/9 9 STPS40SM120C Power Schottky rectifier Datasheet − production data Features ■ High current capability ■ Avalanche rated ■ Low forward voltage drop ■ High frequency operation Description This Schottky diode is suited for high frequency switch mode power supply. Packaged in TO-220AB, TO-220AB narrow leads and I2PAK, this device is intended to be used in notebook, game station and desktop adapters, providing in these applications a good efficiency at both low and high load. Figure 1. Electrical characteristics(a) a. VARM and IARM must respect the reverse safe operating area defined in Figure 9. VAR and IAR are pulse measurements (tp < 10 µs). VR, IR, VRRM and VF, are static characteristics IF 2 x IO IO IR IAR VF(Io) VTo VF(2xIo) VF V I I V VR VRRM "Reverse" "Forward" VAR X X Table 1. Device summary Symbol Value IF(AV) 2 x 20 A VRRM 120 V Tj (max) 150 °C VF (typ) 0.46 V A1 K A2 I2PAK STPS40SM120CR TO-220AB narrow leads STPS40SM120CTN A1 A2 K K TO-220AB STPS40SM120CT A1 A2 K K K A1 K A2 www.st.com |
同様の部品番号 - STPS40SM120C |
|
同様の説明 - STPS40SM120C |