| データシートサーチシステム |
|
L99PM62XP データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM62XP データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 98 page ![]() L99PM62XP Description Doc ID 16363 Rev 3 23/98 Figure 10. Watchdog with error conditions Figure 11. Watchdog in Flash mode 2.4.1 Change watchdog timing There are 4 programmable watchdog timings available, which represent the nominal trigger time in window mode. To change the watchdog timing, a new timing has to be written by SPI. The new timing gets active with the next valid watchdog trigger. The following figures illustrate the sequence, which is recommended to use, changing the timing within long open window and within window mode. |