データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR300 データシート(PDF) 46 Page - STMicroelectronics

部品番号 SPEAR300
部品情報  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 データシート(HTML) 46 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 42Page - STMicroelectronics SPEAR300 Datasheet HTML 43Page - STMicroelectronics SPEAR300 Datasheet HTML 44Page - STMicroelectronics SPEAR300 Datasheet HTML 45Page - STMicroelectronics SPEAR300 Datasheet HTML 46Page - STMicroelectronics SPEAR300 Datasheet HTML 47Page - STMicroelectronics SPEAR300 Datasheet HTML 48Page - STMicroelectronics SPEAR300 Datasheet HTML 49Page - STMicroelectronics SPEAR300 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
PL_GPIO_8/C2
0
0
SD_WP
SD_WP
SD_WP
SD_WP
SD_WP
SD_WP
SD_WP
SD_WP
SD_WP
SD_WP
SD_WP
SSP_SCLK
PL_GPIO_7/D3
0
0
0
0
0
0
0
0
0
0000
SSP_SS
PL_GPIO_6/B1
0
0
SD_LED
SD_LED
SD_LED
SD_LED
SD_LED
SD_LED
SD_LED
SD_LED
SD_LED
SD_LED
SD_LED
SSP_MISO
PL_GPIO_5/D2
0
0
0
0
0
0
0
0
0
0000
I2C_SDA
PL_GPIO_4/C1
0
0
0
0
0
0
0
0
0
0000
I2C_SCL
PL_GPIO_3/D1
/E4
/E4
/E4
1
1
1
1
1
1
1111
UART_RX
PL_GPIO_2/E4
/E3
/E3
/E3
1
1
1
1
1
1
1111
UART_TX
PL_GPIO_1/E3
/E2
/E2
/E2
1
1
1
1
1
1
1111
IrDA_RX
PL_GPIO_0/F3
R/B
R/B
R/B
1
111
R/B
R/B
1111
IrDA_TX
PL_CK1/K17
TCLK*
TCLK*
CCLK/
TCLK*
TCLK*
CCLK/TC
LK*
TCLK*
CCLK/
TCLK*
TCLK*
TCLK*
TCLK*
CCLK/
TCLK*
TCLK*
CCLK/
TCLK*
PL_CLK1
Pl_CK2/J17
Reserved
Reserved
int_CLK
int_CLK
int_CLK
int_CLK
int_CLK
int_CLK
int_CLK
int_CLK
int_CLK
int_CLK
int_CLK
PL_CLK2
PL_CK3/J16
Reserved
Reserved
\int_CLK
\int_CLK
\int_CLK
\int_CLK
\int_CLK
\int_CLK
\int_CLK
CLK
CLK
CLK
CLK
PL_CLK3
PL_CK4/H17
Reserved
Reserved
2.048
MHz
2.048 MHz
2.048
MHz
2.048
MHz
2.048
MHz
2.048
MHz
2.048
MHz
PCLK
PCLK
PCLK
PCLK
PL_CLK4
Table 11.
PL_GPIO multiplexing scheme (continued)
PL_GPIO_# /
ball number
Configuration mode (enabled by RAS register 2)
Alternate
function
(enabled
by RAS
register 1)
1
2
3
4
5
6789
10
11
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83