データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-TDR007V1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-TDR007V1
部品情報  3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR007V1 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-TDR007V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2009
Rev 2
1/11
11
STEVAL-TDR007V1
3 stage RF power amplifier demonstration board using:
PD57002-E, PD57018-E, 2 x PD57060-E
Features
■ N-channel enhancement-mode lateral
MOSFETs
■ Excellent thermal stability
■ Frequency: 1030 MHz
■ Supply voltage: 36 V
■ Peak power: 200 W typical
■ Input power: 23 dBm
■ Harmonics < -45 dBc
■ Rise and fall time < 100 ns
■ RoHS compliant
Description
The STEVAL-TDR007V1 is a 200 W RF power
amplifier intended for IFF - 1030 MHz interrogator
using PD57002-E + PD57018-E + 2 x PD57060-E
N-channel lateral MOS field-effect transistors.
STEVAL-TDR007V1 is designed in cooperation
with ETSA in France.
Table 1.
Device summary
Order code
STEVAL-TDR007V1
www.st.com


同様の部品番号 - STEVAL-TDR007V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
16-Mar-2009
STEVAL-TDR003V1 STMICROELECTRONICS-STEVAL-TDR003V1 Datasheet
414Kb / 20P
2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
31-Mar-2010
STEVAL-TDR005V1 STMICROELECTRONICS-STEVAL-TDR005V1 Datasheet
255Kb / 11P
RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
18-Mar-2010
STEVAL-TDR006V1 STMICROELECTRONICS-STEVAL-TDR006V1 Datasheet
556Kb / 18P
2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
23-Apr-2009
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
02-Apr-2010
More results

同様の説明 - STEVAL-TDR007V1

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MABA-009484-ETC31T_V3 MA-COM-MABA-009484-ETC31T_V3 Datasheet
259Kb / 4P
E-Series RF 1:3 Transformer
logo
STMicroelectronics
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
Demonstration board using the PD84008L-E for 900 MHz 2-way radio
14-Oct-2010
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
11-Oct-2010
logo
M/A-COM Technology Solu...
ETC3-1 MA-COM-ETC3-1 Datasheet
81Kb / 1P
E-Series RF 3:1 Transformer
MABA-009250-CT0068 MA-COM-MABA-009250-CT0068 Datasheet
82Kb / 2P
E-Series RF 2:1 Transformer
logo
STMicroelectronics
AN1246 STMICROELECTRONICS-AN1246 Datasheet
103Kb / 8P
power supply using VIPer20A-E
18-Oct-2007
AN1514 STMICROELECTRONICS-AN1514 Datasheet
265Kb / 17P
buck-boost converter using VIPer12A-E/22A-E
26-Sep-2007
UM0575 STMICROELECTRONICS-UM0575 Datasheet
727Kb / 20P
The e-STARTER demonstration board
13-Feb-2008
UM0890 STMICROELECTRONICS-UM0890 Datasheet
442Kb / 7P
2-stage RF power amplifier with LPF based on the PD85006L-E and STAP85050 RF power transistors
18-Jan-2010
logo
M/A-COM Technology Solu...
MAAM-011167 MA-COM-MAAM-011167 Datasheet
1Mb / 10P
Stage Driver Amplifier for E Band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com