| データシートサーチシステム |
|
STEVAL-IFS017V3 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-IFS017V3 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Data brief For further information contact your local STMicroelectronics sales office. February 2012 Doc ID 022857 Rev 1 1/4 4 STEVAL-IFS017V3 Temperature sensor daughter card based on the STTS751-1DP3F in UDFN package Features ■ Multiple device temperature sensor ■ USB powered ■ RoHS compliant Description The STEVAL-IFS017V3 demonstration board is a temperature sensor daughter card based on the STTS751-1DP3F in UDFN package. The STEVAL-IFS017V3 daughter card can be mounted into the STEVAL-IFS017V1 motherboard platform in order to test the multiple temperature sensor and real-time clock (RTC). www.st.com |
同様の部品番号 - STEVAL-IFS017V3 |
|
同様の説明 - STEVAL-IFS017V3 |