データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-IHM021V2 データシート(PDF) 4 Page - STMicroelectronics

部品番号 STEVAL-IHM021V2
部品情報  100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM021V2 データシート(HTML) 4 Page - STMicroelectronics

  STEVAL-IHM021V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM021V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM021V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM021V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM021V2 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision history
STEVAL-IHM021V2
4/5
Doc ID 17189 Rev 2
2
Revision history
Table 1.
Document revision history
Date
Revision
Changes
25-Feb-2010
1
Initial release.
10-Nov-2011
2
– Added part number STGDL6NC60DI to the
Features and
Description sections of the coverpage.
– Replaced part number STD5NK52ZD with STD5N52U in the
Description section of the coverpage.
– Modified
Figure 1: Inverter schematic
– Textual modifications in the
Description on page 1.



Html Pages

1 2 3 4 5