| データシートサーチシステム |
|
STEVAL-PCC009V3 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-PCC009V3 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() Data brief For further information contact your local STMicroelectronics sales office. September 2011 Doc ID 022231 Rev 1 1/7 7 STEVAL-PCC009V3 S-Touch® product family interface demonstration board based on the STM32 Features ■ Generic interface for various S-Touch® product family demonstration boards ■ DFU capability for reprogramming ■ 10-pin interface for serial communication ■ USB powered ■ RoHS compliant Description The STEVAL-PCC009V3 is a demonstration motherboard based on the STM32 microcontroller, used as the generic interface for various S-Touch® product family demonstration daughterboards (e.g. STEVAL-ICB002V1 based on the STMPE821). Power to the STEVAL-PCC009V3 is provided by a USB mini B-type connector, while power to the capacitive touch daughterboards is supplied by the STEVAL-PCC009V3 via the 10-pin connector. The STEVAL-PCC009V3 is also able to work in DFU mode to reprogram the STM32 microcontroller. STEVAL-PCC009V3 www.st.com |
同様の部品番号 - STEVAL-PCC009V3 |
|
同様の説明 - STEVAL-PCC009V3 |