データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LRIS64K データシート(PDF) 80 Page - STMicroelectronics

部品番号 LRIS64K
部品情報  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K データシート(HTML) 80 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 76Page - STMicroelectronics LRIS64K Datasheet HTML 77Page - STMicroelectronics LRIS64K Datasheet HTML 78Page - STMicroelectronics LRIS64K Datasheet HTML 79Page - STMicroelectronics LRIS64K Datasheet HTML 80Page - STMicroelectronics LRIS64K Datasheet HTML 81Page - STMicroelectronics LRIS64K Datasheet HTML 82Page - STMicroelectronics LRIS64K Datasheet HTML 83Page - STMicroelectronics LRIS64K Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
Commands codes
LRIS64K
80/100
Doc ID 15336 Rev 11
Response parameter:
Error code as Error_flag is set:
02h: the command is not recognized, for example: a format error occurred
03h: the option is not supported
0Fh: error with no information given
10h: the specified block is not available
11h: the specified block is already locked and thus cannot be locked again
14h: the specified block was not successfully locked
Figure 54.
Lock-sector Password frame exchange between VCD and LRIS64K
VCD
SOF
Lock-sector
Password
request
EOF
LRIS64K
<-t1-> SOF
Lock-sector
Password
response
EOF
Lock sequence when
error
LRIS64K
<--------------- Wt --------------->
SOF
Lock-sector
Password
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100