データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRI2K データシート(PDF) 32 Page - STMicroelectronics

部品番号 SRI2K
部品情報  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI2K データシート(HTML) 32 Page - STMicroelectronics

Back Button SRI2K Datasheet HTML 28Page - STMicroelectronics SRI2K Datasheet HTML 29Page - STMicroelectronics SRI2K Datasheet HTML 30Page - STMicroelectronics SRI2K Datasheet HTML 31Page - STMicroelectronics SRI2K Datasheet HTML 32Page - STMicroelectronics SRI2K Datasheet HTML 33Page - STMicroelectronics SRI2K Datasheet HTML 34Page - STMicroelectronics SRI2K Datasheet HTML 35Page - STMicroelectronics SRI2K Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
SRI2K commands
SRI2K
32/45
Doc ID 15779 Rev 3
8.6
Reset_to_inventory() command
Command code = 0Ch
On receiving the Reset_to_inventory() command, all SRI2K devices in Selected state revert
to Inventory state. The concerned SRI2K devices are thus resubmitted to the anticollision
sequence. This command is useful when two SRI2K devices with the same 8-bit Chip_ID
happen to be in Selected state at the same time. Forcing them to go through the anticollision
sequence again allows the reader to generates new Pcall16() commands and so, to set new
random Chip_IDs.
The Reset_to_inventory() command does not generate a response.
All SRI2K devices that are not in Selected state ignore the Reset_to_inventory() command.
Figure 38.
Reset_to_inventory request format
Request parameter:
●
No parameter
Figure 39.
Reset_to_inventory response format
Figure 40.
Reset_to_inventory frame exchange between reader and SRI2K
SOF
Reset_to_inventory
CRCL
CRCH
EOF
AI07682b
0Ch
8 bits
8 bits
AI07680b
No response
SOF
0Ch
CRCL
CRCH EOF
ai15586
Reader
SRI2K
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45