データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STI5167 データシート(PDF) 3 Page - STMicroelectronics

部品番号 STI5167
部品情報  Low-cost interactive set-top box with advanced features
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5167 データシート(HTML) 3 Page - STMicroelectronics

  STI5167 Datasheet HTML 1Page - STMicroelectronics STI5167 Datasheet HTML 2Page - STMicroelectronics STI5167 Datasheet HTML 3Page - STMicroelectronics STI5167 Datasheet HTML 4Page - STMicroelectronics STI5167 Datasheet HTML 5Page - STMicroelectronics STI5167 Datasheet HTML 6Page - STMicroelectronics STI5167 Datasheet HTML 7Page - STMicroelectronics STI5167 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STi5167
Description
3/8
To reduce the system pin complexity, the following conditions apply:
either SDR and DDR SDRAM memory interface available
serial or parallel Flash interfaces for program storage (HW selection for serial or
parallel Flash boot)
FMI interface with NAND Flash support
serial TS input port
two UARTs
two smart card interfaces
HW security support option
digital video output port (exclusive with other features)



Html Pages

1 2 3 4 5 6 7 8