データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STIH225 データシート(PDF) 2 Page - STMicroelectronics

部品番号 STIH225
部品情報  Interactive HDTV cable STB processor with integrated front-end
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIH225 データシート(HTML) 2 Page - STMicroelectronics

  STIH225 Datasheet HTML 1Page - STMicroelectronics STIH225 Datasheet HTML 2Page - STMicroelectronics STIH225 Datasheet HTML 3Page - STMicroelectronics STIH225 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STiH225
2/4
Doc ID 022120 Rev 3
1
Introduction
The STiH225 is a highly integrated system-on-chip (SoC) designed to meet the demanding
need of the interactive cable set-top box market. The STiH225 integrates all the major
system functions into a single device, and provides world leading, multi-layer, advanced
security technologies to protect valuable video and audio assets.
Features
Benefits
Combines a cable transceiver and ITU-T J.83
A/B/C demodulator with STB decoding and
display functions
This highly integrated SoC helps to reduce board
area and manufacturing cost, allowing cost-
effective and small-size STBs to be designed for
ITU-J.83 A/B/C (DVB-C, SARFT, SCTE-40)
networks
Integrates EuroDOCSIS/DOCSIS 2.0 cable
modems with support for DOCSIS 3.0 down-
stream channel bonding
The embedded EuroDOCSIS and DOCSIS cable
modems are capable of providing DOCSIS set-top
gateway, interactive multimedia and internet
access for the digital cable market
Serial Flash-based secure boot and code
storage; 35 mm x 35 mm x 2.30 mm PBGA
package
Enables further BOM optimization and cost
reduction of advanced decoding SD STBs
ST40 applications CPU,
32 K I cache, 32 K D cache
Superscalar performance from a single CPU core,
using standard tools and operating systems (Linux)
STMicroelectronics' DELTA video decoding
system with ST231 processor
Decoding of advanced standard definition MPEG2,
H.264 and VC-1/WMV9 streams, with the
performance and flexibility for web-based content
decoding such as Flash, DivX, MJPEG, XviD and
Real
Dual USB 2.0 hosts, dual Ethernet MAC with
one PHY compatible with MII/RMII and GMII
Extensive high-speed connectivity for the widest
range of STB peripherals, such as Flash drives,
external HDDs, home network controllers (for
example MoCA, Wi-Fi), memory cards
Advanced 2D graphics and display subsystem
Allows visually appealing user interfaces and
video-rich navigation to be offered to consumers,
while high-quality progressive output can be
watched on the latest displays



Html Pages

1 2 3 4