| データシートサーチシステム |
|
SS1302 データシート(PDF) 2 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS1302 データシート(HTML) 2 Page - SEC Electronics Inc. |
|
2 / 4 page ![]() SS1302 Linear Hall Effect Sensor Pins Definition Pin Description Name No Status Description Vdd 1 P Power Supply Gnd 2 P IC Ground Output 3 O Output Absolute Maximum Ratings Parameter Symbol Value Units Supply Voltage (operating) VCC 8.0 V Output Current IOUT 20 mA Operating Temperature Range TA -40~85 ℃ Storage Temperature Rang TS -65~150 ℃ V2.00 May 1, 2012 2 |