データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4157440000 データシート(PDF) 5 Page - Weidmuller

部品番号 4157440000
部品情報  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEIDMULLER [Weidmuller]
ホームページ  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 データシート(HTML) 5 Page - Weidmuller

  4157440000 Datasheet HTML 1Page - Weidmuller 4157440000 Datasheet HTML 2Page - Weidmuller 4157440000 Datasheet HTML 3Page - Weidmuller 4157440000 Datasheet HTML 4Page - Weidmuller 4157440000 Datasheet HTML 5Page - Weidmuller 4157440000 Datasheet HTML 6Page - Weidmuller 4157440000 Datasheet HTML 7Page - Weidmuller 4157440000 Datasheet HTML 8Page - Weidmuller 4157440000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
296
Housings
EG 1
EG 2
Rated data
Reference voltage acc. to VDE 0110 1/89
Pollution severity
Overvoltage category
Current
Power loss (when mounted in row)
Protection class
Flammability acc. to UL level
Upper temperature limit
Connection data
Screw connection solid
Screw connection stranded
Tightening torque range
Torque phase with DMS 2 electric srewdriver
Ordering data
Housing frame
End plate
Combi foot, latchable
Assembly plate
Clamping yoke unit, right
Clamping yoke unit, left
Intermediate plate
Connection spigot
Connection tab 0.8 x 6.3 mm
Connection tab 2 x 0.8 x 2.8 mm
Tab / solder lug 0.8 x 2.8 mm
Tab / solder lug 0.8 x 4.8 mm
Printed circuit board, copper-coated
Printed circuit board 5.08 pitch
Dimensions
see page
300 V
2
II
10 A
1 W
IP 20
V-2
100 °C
0.5...4 mm2
0.5...2.5 mm2
0.5 - 1.0 Nm
2
Type
Cat. No.
Qty.
EG 32/1 for TS 32
0453560000
20
EG 35/1 for TS 35
0453860000
20
AP PA
0453660000
20
ZP
0453760000
20
VZ
0510260000
50
S 2.8
0475800000
20
S 4.8
0475700000
20
306, Fig. I
300 V
2
II
10 A
1 W
IP 20
V -2
100 °C
0.5...4 mm2
0.5...2.5 mm2
0.5 - 1.0 Nm
2
Type
Cat. No.
Qty.
EG 2 R
0508860000
20
AP PA
0453660000
20
ZB-R
0495960000
20
ZB-L
0495860000
20
ZP
0453760000
20
VZ
0510260000
50
S 6.3
0496100000
100
S 2 x 2.8
0163500000
50
306, Fig. II
Housings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com