| データシートサーチシステム |
|
SS4913LSOT データシート(PDF) 2 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS4913LSOT データシート(HTML) 2 Page - SEC Electronics Inc. |
|
2 / 8 page ![]() SS4913 CMOS Omnipolar High Sensitivity Micropower Hall Switch 2 V2.00 Mayr 1, 2012 Typical Application Circuit TSOT-23(Top View) SEC's pole-independent sensing technique allows for operation with either a north pole or south pole magnet orientation, enhancing the manufacturability of the device. The state-of-the-art technology provides the same output polarity for either pole face. It is strongly recommended that an external bypass capacitor be connected (in close proximity to the Hall sensor) between the supply and ground of the device to reduce both external noise and noise generated by the chopper-stabilization technique. This is especially true due to the relatively high impedance of battery supplies. Functional Block Diagram |