| データシートサーチシステム |
|
SS239LSOT データシート(PDF) 8 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS239LSOT データシート(HTML) 8 Page - SEC Electronics Inc. |
|
8 / 8 page ![]() SS239 CMOS Omnipolar High Sensitivity Micropower Hall Switch Package SOT, 3-Pin SOT-23: SOT-23 Package Hall Location: Ordering Information Part No. Pb-free Temperature Code Package Code Packing SS239ESOT YES -40°C to 85°C SOT-23 7-in. reel, 3000 pieces/reel SS239EUA YES -40°C to 85°C TO-92 Bulk, 1000 pieces/bag SS239KSOT YES -40°C to 125°C SOT-23 7-in. reel, 3000 pieces/reel SS239KUA YES -40°C to 125°C TO-92 Bulk, 1000 pieces/bag SS239LSOT YES -40°C to 150°C SOT-23 7-in. reel, 3000 pieces/reel SS239LUA YES -40°C to 150°C TO-92 Bulk, 1000 pieces/bag 8 V2.10 May 1, 2012 |