| データシートサーチシステム |
|
SS559EUA データシート(PDF) 6 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS559EUA データシート(HTML) 6 Page - SEC Electronics Inc. |
|
6 / 8 page ![]() SS559 Hall Latch - High Sensitivity Standard information regarding manufacturability of Eastera’s Hall IC with different soldering processes Our products are classified and qualified regarding soldering technology, solderability and moisture sensitivity level according to following test methods: Reflow Soldering SMD’s (Surface Mount Devices) • IPC/JEDEC J-STD-020 Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices (classification reflow profiles according to table 5-2) • EIA/JEDEC JESD22-A113 Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing (reflow profiles according to table 2) Wave Soldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices) • EN60749-20 Resistance of plastic- encapsulated SMD’s to combined effect of moisture and soldering heat • EIA/JEDEC JESD22-B106 and EN60749-15 Resistance to soldering temperature for through-hole mounted devices Iron Soldering THD’s (Through Hole Devices) • EN60749-15 Resistance to soldering temperature for through-hole mounted devices Solderability SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices) • EIA/JEDEC JESD22-B102 and EN60749-21 Solderability ESD Precautions Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures whenever handling semiconductor products. 6 V2.10 May 1, 2012 |