| データシートサーチシステム |
|
SMB214B データシート(PDF) 21 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMB214B データシート(HTML) 21 Page - Summit Microelectronics, Inc. |
|
21 / 27 page ![]() SMB214A/B/C Summit Microelectronics, Inc 2128 2.2 9/17/2010 21 APPLICATIONS INFORMATION (CONTINUED) To ensure the maximum load current will not exceed the power rating of the FET, the power dissipation of each FET must be determined. It is important to look at each FET individually and then add the power dissipation of complementary FETs after the power dissipation over one cycle has been determined. The Power dissipation can be approximated as follows: Equation 3: ON L DSON T I R P * * ~ 2 Where TON is the on time of the primary switch. TON can be calculated as follows: Equations 4, 5: T V V PFET Buck T V V NFET Buck IN O IN O * : * ) 1 ( : − − − Compensation: Summit provides a design tool to called Summit Power Designer” that will automatically calculate the compensation values for a design or allow the system to be customized for a particular application. The power designer software can be found at http://www.summitmicro.com/prod_select/xls/SummitP owerDesigner_Install.zip. |