| データシートサーチシステム |
|
XB3550-2R5307-R データシート(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
XB3550-2R5307-R データシート(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 2 page ![]() The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con- tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup- port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. North America Cooper Bussmann 1225 Broken Sound Parkway NW Suite F Boca Raton, FL 33487-3533 Tel: 1-561-998-4100 Fax: 1-561-241-6640 Toll Free: 1-888-414-2645 Cooper Bussmann P.O. Box 14460 St. Louis, MO 63178-4460 Tel: 1-636-394-2877 Fax: 1-636-527-1607 Europe Cooper Bussmann Cooper (UK) Limited Burton-on-the-Wolds Leicestershire • LE12 5TH UK Tel: +44 (0) 1509 882 737 Fax: +44 (0) 1509 882 786 Cooper Bussmann Avda. Santa Eulalia, 290 08223 Terrassa, (Barcelona), Spain Tel: +34 937 362 812 +34 937 362 813 Fax: +34 937 362 719 Asia Pacific Cooper Bussmann 1 Jalan Kilang Timor #06-01 Pacific Tech Centre Singapore 159303 Tel: +65 278 6151 Fax: +65 270 4160 0512 BU-SB12430 Page 2 of 2 Data Sheet: 4423 1.50 A 120.0° Positive Terminal Negative Terminal Blank Terminal PCB Patterns: 4- 2.0 0.1 D H L Dimensions (mm) Part Number D L H A XB3550-2R5307-R 35 53.0 6 22.5 XB3560-2R5407-R 35 63.0 6 22.5 Manufacturer Capacitance (F) Nominal Working Voltage (V) Series Code (or part number) Polarity Standard packaging: 20 pieces per box Part Marking Packaging Information Part Numbering System XB - R -R Series Voltage (V) Capacitance ( μF) Code Dimensions R = Decimal Value Multiplier RoHS XB = Series Diameter Length 2R5 = 2.5V Example: 407 = 40 x 10 7µF or 400F Compliant ± 1.0 ± 0.1 Tolerances © 2012 Cooper Bussmann www.cooperbussmann.com |