データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THL3501 データシート(PDF) 1 Page - THine Electronics, Inc.

部品番号 THL3501
部品情報  16-channel LED Driver with LVDS Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINE [THine Electronics, Inc.]
ホームページ  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THL3501 データシート(HTML) 1 Page - THine Electronics, Inc.

  THL3501 Datasheet HTML 1Page - THine Electronics, Inc. THL3501 Datasheet HTML 2Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THAB0022_THL3504_Rev.1.00_E_Brief
1
Copyright©2012 THine Electronics, Inc.
THine Electronics, Inc.
THL3504
24-channel Constant Current LED Driver with LVDS Interface
DESCRIPTIONS
The THL3504 is an LED driver with 24 channel constant
current sink outputs. The constant current values for
three output groups are determined by external resistors.
The embedded os cillat or an d P W M co nt ro l l er
individually generates 256-step brightness set by the
dedicated registers for each channel.
The serial interface of 2-pair LVDS lines (clock and
data) features high-level noise tolerance, high-speed, and
long-distance transmission.
The LVDS allowing cascaded and multidrop connection
offers the maximum flexibility for designers to place and
connect LED drivers.
The simple and one-way communication protocol is
easily-controlled and requires less CPU resources.
APPLICATIONS
Amusement
LED Backlight
LED Display
Digital Signage
Illumination
FEATURES
< Driver part >
- Constant Current Output: 24 channels
- Output Sink Current: up to 40mA/ch
- Output voltage: up to 40V
- Individual Brightness Control: 256 steps
- Group Brightness Control: 64 steps
- Output disable/enable
< Serial interface part >
- 2-pair Serial LVDS Input or 3-wire Serial CMOS Input
up to 10Mbps
- Bridge Function Converting 3-wire Serial
CMOS Input to 2-pair Serial LVDS Output
- Repeater function of 2-pair Serial LVDS Input / Output
with Waveform and Timing Correction
- Device Address Selection up to 62 addresses
- General call to all devices
Protection Circuits
UVLO, Short Circuit Protection, Thermal Shutdown
Supply Voltage: 3.0~5.5V
Package: QFN 48-pin Exposed Pad
Input Logic
Registers
Constant
Address
Data
PWM Controller
A0~A5
SCL_OUTn
SCL_OUTp
SDA_OUTn
SDA_OUTp
SCL_INn
SCL_INp
SDA_INn
SDA_INp
Oscillator
MODE
CSn
SI
SCK SCL
SDA
Block Diagram
SCL
SDA
REXT0
REXT1
REXT2
Current
Generator
Current Sink
3-wire to 2-wire
Re-timing
conversion
LVDS Input
LVDS Output
OUT0~OUT7 OUT8~OUT15 OUT16~OUT23
Current Sink
Current Sink


同様の部品番号 - THL3501

メーカー部品番号データシート部品情報
logo
THine Electronics, Inc.
THL3502 THINE-THL3502 Datasheet
189Kb / 2P
24-channel LED Driver with LVDS Interface
THL3503 THINE-THL3503 Datasheet
189Kb / 2P
16-channel Constant Current LED Driver with LVDS Interface
THL3504 THINE-THL3504 Datasheet
189Kb / 2P
24-channel Constant Current LED Driver with LVDS Interface
More results

同様の説明 - THL3501

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
6-Channel LED Driver with I2C Interface
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
THine Electronics, Inc.
THL3502 THINE-THL3502 Datasheet
189Kb / 2P
24-channel LED Driver with LVDS Interface
THL3503 THINE-THL3503 Datasheet
189Kb / 2P
16-channel Constant Current LED Driver with LVDS Interface
THL3504 THINE-THL3504 Datasheet
189Kb / 2P
24-channel Constant Current LED Driver with LVDS Interface
THM3561 THINE-THM3561 Datasheet
621Kb / 21P
Stepping Motor Driver with LVDS Interface
logo
California Eastern Labs
THEVAL3501 CEL-THEVAL3501 Datasheet
668Kb / 7P
16-channel LED Driver with LVDS Interface
THEVAL3502 CEL-THEVAL3502 Datasheet
754Kb / 7P
24-channel LED Driver with LVDS Interface
THEVAL3503 CEL-THEVAL3503 Datasheet
788Kb / 7P
16-channel LED Driver with LVDS Interface
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com