| データシートサーチシステム |
|
WM8740SEDS/RV データシート(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8740SEDS/RV データシート(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 27 page ![]() WM8740 Production Data w PD, Rev 4.4, April 2010 3 PIN CONFIGURATION 16 15 14 20 19 18 17 5 6 7 1 2 3 4 13 12 11 8 9 10 BCKIN VOUTRN VOUTLN LRCIN DIN ZERO MUTEB MODE RSTB CSBIWO MD/DM0 MC/DM1 ML/I2S VMIDR VMIDL SCLK DIFFHW MODE8X AGNDR AGNDL AVDDR DVDD AVDDL DGND 21 22 23 24 25 26 27 28 VOUTRP AGND VOUTLP AVDD ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8740SEDS/V -40 ° to +85°C 28-pin SSOP MSL2 260°C WM8740SEDS/RV -40 ° to +85°C 28-pin SSOP MSL2 260°C Note: Reel Quantity: 2,000 |