| データシートサーチシステム |
|
WM8904CGEFL/V データシート(PDF) 37 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8904CGEFL/V データシート(HTML) 37 Page - Wolfson Microelectronics plc |
|
37 / 188 page ![]() Pre-Production WM8904 w PP, Rev 3.3, September 2012 37 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R46 (2Eh) Analogue Left Input 1 5:4 L_IP_SEL_N [1:0] 00 In Single-Ended or Differential Line Modes, this field selects the input pin for the inverting side of the left input path. In Differential Mic Mode, this field selects the input pin for the non- inverting side of the left input path. 00 = IN1L 01 = IN2L 1X = IN3L 3:2 L_IP_SEL_P [1:0] 01 In Single-Ended or Differential Line Modes, this field selects the input pin for the non-inverting side of the left input path. In Differential Mic Mode, this field selects the input pin for the inverting side of the left input path. 00 = IN1L 01 = IN2L 1X = IN3L 1:0 L_MODE [1:0] 00 Sets the mode for the left analogue input: 00 = Single-Ended 01 = Differential Line 10 = Differential MIC 11 = Reserved R47 (2Fh) Analogue Right Input 1 5:4 R_IP_SEL_N [1:0] 00 In Single-Ended or Differential Line Modes, this field selects the input pin for the inverting side of the right input path. In Differential Mic Mode, this field selects the input pin for the non- inverting side of the right input path. 00 = IN1R 01 = IN2R 1X = IN3R 3:2 R_IP_SEL_P [1:0] 01 In Single-Ended or Differential Line Modes, this field selects the input pin for the non-inverting side of the right input path. In Differential Mic Mode, this field selects the input pin for the inverting side of the right input path. 00 = IN1R 01 = IN2R 1X = IN3R 1:0 R_MODE [1:0] 00 Sets the mode for the right analogue input: 00 = Single-Ended 01 = Differential Line 10 = Differential MIC 11 = Reserved Table 2 Input PGA Mode Selection |