| データシートサーチシステム |
|
WM8904CGEFL/RV データシート(PDF) 8 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8904CGEFL/RV データシート(HTML) 8 Page - Wolfson Microelectronics plc |
|
8 / 188 page ![]() WM8904 Pre-Production w PP, Rev 3.3, September 2012 8 ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8904CGEFL/V -40°C to +85°C 32-lead QFN (4x4x0.75mm, 0.4mm pitch, lead-free) MSL3 260°C WM8904CGEFL/RV -40°C to +85°C 32-lead QFN (4x4x0.75mm, 0.4mm pitch, lead-free, tape and reel) MSL3 260°C WM8904ECS/R -40°C to +85°C 36-ball W-CSP (2.6x2.5x0.7mm, 6x6 ball grid, 0.4mm pitch, lead-free, tape and reel) MSL1 260°C Note: QFN Reel quantity = 3,500 W-CSP Reel quantity = 5,000 |