| データシートサーチシステム |
|
WM8904ECS/R データシート(PDF) 80 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8904ECS/R データシート(HTML) 80 Page - Wolfson Microelectronics plc |
|
80 / 188 page ![]() WM8904 Pre-Production w PP, Rev 3.3, September 2012 80 EXTERNAL COMPONENTS FOR GROUND REFERENCED OUTPUTS It is recommended to connect a zobel network to the ground-referenced outputs HPOUTL, HPOUTR, LINEOUTL and LINEOUTR in order to ensure best audio performance in all applications. The components of the zobel network have the effect of dampening high frequency oscillations or instabilities that can arise outside the audio band under certain conditions. Possible sources of these instabilities include the inductive load of a headphone coil or an active load in the form of an external line amplifier. The capacitance of lengthy cables or PCB tracks can also lead to amplifier instability. The zobel network should comprise a 20 resistor and 100nF capacitor in series with each other, as illustrated in Figure 38. Note that the zobel network is recommended for best audio quality and amplifier stability in all cases. Figure 38 Zobel Network Components for HPOUTL, HPOUTR, LINEOUTL and LINEOUTR |