| データシートサーチシステム |
|
WM8904ECS/R データシート(PDF) 103 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8904ECS/R データシート(HTML) 103 Page - Wolfson Microelectronics plc |
|
103 / 188 page ![]() Pre-Production WM8904 w PP, Rev 3.3, September 2012 103 Figure 59 Clocking Overview SYSCLK CONTROL The SYSCLK_SRC bit is used to select the source for SYSCLK. The source may be either the MCLK input or the FLL output. The MCLK input can be inverted or non-inverted, as selected by the MCLK_INV bit. The selected source may also be adjusted by the MCLK_DIV divider to generate SYSCLK. These register fields are described in Table 61. See “Frequency Locked Loop (FLL)” for more details of the Frequency Locked Loop clock generator. The SYSCLK signal is enabled by register bit CLK_SYS_ENA. This bit should be set to 0 when reconfiguring clock sources. It is not recommended to change SYSCLK_SRC while the CLK_SYS_ENA bit is set. |