| データシートサーチシステム |
|
WM8904ECS/R データシート(PDF) 161 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8904ECS/R データシート(HTML) 161 Page - Wolfson Microelectronics plc |
|
161 / 188 page ![]() Pre-Production WM8904 w PP, Rev 3.3, September 2012 161 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO 10 DCS_TRIG_SE RIES_2 0 Writing 1 to this bit selects a series of DC offset corrections for LINEOUTL. In readback, a value of 1 indicates that the DC Servo DAC Write correction is in progress. DC Servo 9 DCS_TRIG_SE RIES_1 0 Writing 1 to this bit selects a series of DC offset corrections for HPOUTR. In readback, a value of 1 indicates that the DC Servo DAC Write correction is in progress. DC Servo 8 DCS_TRIG_SE RIES_0 0 Writing 1 to this bit selects a series of DC offset corrections for HPOUTL. In readback, a value of 1 indicates that the DC Servo DAC Write correction is in progress. DC Servo 7 DCS_TRIG_ST ARTUP_3 0 Writing 1 to this bit selects Start-Up DC Servo mode for LINEOUTR. In readback, a value of 1 indicates that the DC Servo Start-Up correction is in progress. DC Servo 6 DCS_TRIG_ST ARTUP_2 0 Writing 1 to this bit selects Start-Up DC Servo mode for LINEOUTL. In readback, a value of 1 indicates that the DC Servo Start-Up correction is in progress. DC Servo 5 DCS_TRIG_ST ARTUP_1 0 Writing 1 to this bit selects Start-Up DC Servo mode for HPOUTR. In readback, a value of 1 indicates that the DC Servo Start-Up correction is in progress. DC Servo 4 DCS_TRIG_ST ARTUP_0 0 Writing 1 to this bit selects Start-Up DC Servo mode for HPOUTL. In readback, a value of 1 indicates that the DC Servo Start-Up correction is in progress. DC Servo 3 DCS_TRIG_DA C_WR_3 0 Writing 1 to this bit selects DAC Write DC Servo mode for LINEOUTR. In readback, a value of 1 indicates that the DC Servo DAC Write correction is in progress. DC Servo 2 DCS_TRIG_DA C_WR_2 0 Writing 1 to this bit selects DAC Write DC Servo mode for LINEOUTL. In readback, a value of 1 indicates that the DC Servo DAC Write correction is in progress. DC Servo 1 DCS_TRIG_DA C_WR_1 0 Writing 1 to this bit selects DAC Write DC Servo mode for HPOUTR. In readback, a value of 1 indicates that the DC Servo DAC Write correction is in progress. DC Servo 0 DCS_TRIG_DA C_WR_0 0 Writing 1 to this bit selects DAC Write DC Servo mode for HPOUTL. In readback, a value of 1 indicates that the DC Servo DAC Write correction is in progress. DC Servo Register 44h DC Servo 1 |