| データシートサーチシステム |
|
LPC2921 データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 12 page ![]() Type Memory Timers Serial Interfaces Analog Package Comment/Special features LPC1800 devices LPC1857 1024 136 16 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 1 146 16-32 1 180 3.3 F and J LQFP208, LBGA256/ TFBGA180 Dual-bank Flash, 1024x768 Color LCD Controller, On-chip HS PHY, SPIFI, SCT, RTC, QEI. LPC1853 512 136 16 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 1 146 16-32 1 180 3.3 F and J LQFP208, LBGA256/ TFBGA180 Dual-bank Flash, 1024x768 Color LCD Controller, On-chip HS PHY, SPIFI, SCT, RTC, QEI. ** LPC1850 200 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 1 146 16-32 1 180 3.3 F LQFP208, LBGA256/ TFBGA180 1024x768 Color LCD Controller, On-chip HS PHY, SPIFI, SCT, RTC, QEI. Available Q4 2011 ** LPC1837 1024 136 16 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 146 16-32 1 180 3.3 F and J LQFP144, LBGA256/ TF- BGA180/100 Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI. LPC1833 512 136 16 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 146 16-32 1 180 3.3 F and J LQFP144, LBGA256/ TF- BGA180/100 Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI. LPC1830 200 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 146 16-32 1 180 3.3 F LQFP144, LBGA256/ TF- BGA180/100 On-chip HS PHY, SPIFI, SCT, RTC, QEI. Available Q4 2011 LPC1827 1024 136 16 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 J LQFP144, TFBGA100 Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI. LPC1825 768 136 16 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 J LQFP144, TFBGA100 Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI. LPC1823 512 104 16 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 J LQFP144, TFBGA100 Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI. LPC1822 512 104 16 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 J LQFP144, TFBGA100 On-chip HS PHY, SPIFI, SCT, RTC, QEI. LPC1820 168 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 F LQFP144, TFBGA100 On-chip HS PHY, SPIFI, SCT, RTC, QEI. Available Q4 2011 LPC1817 1024 136 16 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 J LQFP144, TFBGA100 Dual-bank Flash, SPIFI, SCT, RTC, QEI. LPC1815 768 136 16 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 J LQFP144, TFBGA100 Dual-bank Flash, SPIFI, SCT, RTC, QEI. LPC1813 512 104 16 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 J LQFP144, TFBGA100 Dual-bank Flash, SPIFI, SCT, RTC, QEI. LPC1812 512 104 16 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 J LQFP144, TFBGA100 SPIFI, SCT, RTC, QEI. LPC1810 136 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 F LQFP144, TFBGA100 SPIFI, SCT, RTC, QEI. Available Q4 2011 LPC4300 Series LPC4357 1 1 1024 136 16 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 1 146 16-32 1 204 3.3 F and J LQFP208, LBGA256/ TFBGA180 Dual-bank Flash, 1024x768 Color LCD Controller, HS USB PHY, QEI. LPC4353 1 1 512 136 16 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 1 146 16-32 1 204 3.3 F and J LQFP208, LBGA256/ TFBGA180 Cortex-M4/M0, FPU, Dual-bank Flash, 1024x768 Color LCD Controller, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. LPC4350 1 1 264 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 1 146 16-32 1 204 3.3 F LQFP208, LBGA256/ TFBGA180 Cortex-M4/M0, FPU, 1024x768 Color LCD Controller, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. Available Q4 2011 LPC4337 1 1 1024 136 16 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 146 16-32 1 204 3.3 F and J LQFP144, LBGA256/ TFBGA180/100 Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. LPC4333 1 1 512 136 16 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 146 16-32 1 204 3.3 F and J LQFP144, LBGA256/ TFBGA180/100 Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. LPC4330 1 1 264 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 146 16-32 1 204 3.3 F LQFP144, LBGA256/ TFBGA180/100 Cortex-M4/M0, FPU, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. Available Q4 2011 LPC4327 1 1 1024 136 16 5 6 1 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 J LQFP144, TFBGA100 Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. LPC4325 1 1 768 136 16 5 6 1 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 J LQFP144, TFBGA100 Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. LPC4323 1 1 512 104 16 5 6 1 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 J LQFP144, TFBGA100 Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. LPC ConnectTurbo NXP’s LPC ConnectTurbo microcontrollers include the Industry’s fastest Cortex-M Microcontrollers. This turbo performance is combined with advanced peripherals for solving complex design challenges. LPC ConnectTurbo innovations include Hi-speed USB with integrated Hi-speed PHY, NXP’s unique SPI Flash Interface (SPIFI), State Configurable Timer (SCT), Serial GPIO and an industry first dual-core Cortex-M4/M0. All this integration reduces system cost and enables unprecedented embedded performance. This category includes Cortex-M3, Cortex-M4 and ARM9 based microcontrollers. * SCT peripheral can be configured as additional timers and/or PWM channels. ** SGPIO peripheral can be configured as additional I2S, I2C, UART and/or SSP channels. Temp. range options F= -40 to +85 C J= -40 to +105 C |