| データシートサーチシステム |
|
WM8912GEFL/V データシート(PDF) 29 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8912GEFL/V データシート(HTML) 29 Page - Wolfson Microelectronics plc |
|
29 / 128 page ![]() Production Data WM8912 w PD, Rev 4.0, September 2010 29 EQ GAIN SETTING GAIN (DB) 00000 -12 00001 -11 00010 -10 00011 -9 00100 -8 00101 -7 00110 -6 00111 -5 01000 -4 01001 -3 01010 -2 01011 -1 01100 0 01101 +1 01110 +2 01111 +3 10000 +4 10001 +5 10010 +6 10011 +7 10100 +8 10101 +9 10110 +10 10111 +11 11000 +12 11001 to 11111 Reserved Table 12 EQ Gain Control RETUNE TM MOBILE MODE ReTuneTM Mobile mode provides a comprehensive facility for the user to define the cut-off/centre frequencies and filter bandwidth for each EQ band, in addition to the gain controls already described. This enables the EQ to be accurately customised for a specific transducer characteristic or desired sound profile. The EQ enable and EQ gain controls are the same as defined for the default mode. The additional coefficients used in ReTuneTM Mobile mode are held in registers R140 to R157. These coefficients are derived using tools provided in Wolfson’s WISCE™ evaluation board control software. Please contact your local Wolfson representative for more details. EQ FILTER CHARACTERISTICS The filter characteristics for each frequency band are shown in Figure 16 to Figure 20. These figures show the frequency response for all available gain settings, using default cut-off/centre frequencies and bandwidth. |