| データシートサーチシステム |
|
WM8940CGEFL/RV データシート(PDF) 68 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8940CGEFL/RV データシート(HTML) 68 Page - Wolfson Microelectronics plc |
|
68 / 91 page ![]() WM8940 Production Data w PD, Rev 4.3, November 2011 68 POWER MANAGEMENT VMID The analogue circuitry will not work when VMID is disabled (VMIDSEL[1:0] = 00b). The impedance of the VMID resistor string, together with the decoupling capacitor on the VMID pin will determine the start-up time of the VMID circuit. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R1 Power management 1 1:0 VMIDSEL 00 Reference string impedance to VMID pin (determines startup time): 00=off (open circuit) 01=50kΩ 10=250kΩ 11=5kΩ (for fastest startup) Table 57 VMID Impedance Control BIASEN REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R1 Power management 1 3 BIASEN 0 Analogue amplifier bias control 0=Disabled 1=Enabled Table 58 BIASEN Control ESTIMATED SUPPLY CURRENTS When either the DAC or ADC are enabled it is estimated that approximately 4mA will be drawn from DCVDD when fs=48kHz (This will be lower at lower sample rates). When the PLL is enabled an additional 700 microamps will be drawn from DCVDD. Table 59 shows the estimated 3.3V AVDD current drawn by various circuits, by register bit. REGISTER BIT AVDD CURRENT (MILLIAMPS) MONOEN 0.2mA PLLEN 1.4mA (with clocks applied) MICBEN 0.5mA BIASEN 0.3mA BUFIOEN 0.1mA VMIDSEL 10K=>0.3mA, less than 0.1mA for 100k/500k BOOSTEN 0.2mA INPPGAEN 0.2mA ADCEN 2.6mA MONOEN 0.2mA SPKPEN 1mA from SPKVDD SPKNEN 1mA from SPKVDD MONOMIXEN 0.2mA SPKMIXEN 0.2mA DACEN 1.8mA Table 59 AVDD Supply Current |