| データシートサーチシステム |
|
WM8976CGEFL/RV データシート(PDF) 73 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8976CGEFL/RV データシート(HTML) 73 Page - Wolfson Microelectronics plc |
|
73 / 114 page ![]() Production Data WM8976 w PD, Rev 4.5, November 2011 73 The PLL performs best when f2 is around 90MHz. Its stability peaks at N=8. Some example settings are shown in Table 59. MCLK (MHz) (F1) DESIRED OUTPUT (MHz) F2 (MHz) PRESCALE DIVIDE POSTSCALE DIVIDE R N (Hex) K (Hex) 12 11.29 90.3168 1 2 7.5264 7 86C226 12 12.288 98.304 1 2 8.192 8 3126E8 13 11.29 90.3168 1 2 6.947446 6 F28BD4 13 12.288 98.304 1 2 7.561846 7 8FD525 14.4 11.29 90.3168 1 2 6.272 6 45A1CA 14.4 12.288 98.304 1 2 6.826667 6 D3A06E 19.2 11.29 90.3168 2 2 9.408 9 6872AF 19.2 12.288 98.304 2 2 10.24 A 3D70A3 19.68 11.29 90.3168 2 2 9.178537 9 2DB492 19.68 12.288 98.304 2 2 9.990243 9 FD809F 19.8 11.29 90.3168 2 2 9.122909 9 1F76F7 19.8 12.288 98.304 2 2 9.929697 9 EE009E 24 11.29 90.3168 2 2 7.5264 7 86C226 24 12.288 98.304 2 2 8.192 8 3126E8 26 11.29 90.3168 2 2 6.947446 6 F28BD4 26 12.288 98.304 2 2 7.561846 7 8FD525 27 11.29 90.3168 2 2 6.690133 6 BOAC93 27 12.288 98.304 2 2 7.281778 7 482296 Table 59 PLL Frequency Examples LOOPBACK Setting the LOOPBACK register bit enables digital loopback. When this bit is set the output data from the ADC audio interface is fed directly into the DAC data input. COMPANDING The WM8976 supports A-law and -law and companding and linear mode on both transmit (ADC) and receive (DAC) sides. Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate value to the DAC_COMP or ADC_COMP register bits respectively. |