| データシートサーチシステム |
|
WM8326GEFL/V データシート(PDF) 8 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8326GEFL/V データシート(HTML) 8 Page - Wolfson Microelectronics plc |
|
8 / 255 page ![]() WM8326 Production Data w PD, June 2012, Rev 4.0 8 1 PIN CONFIGURATION A1 A2 A3 A4 A5 B4 B3 B2 B1 C1 D1 F1 E1 G1 H1 J1 U1 T1 V2 V1 W1 Y1 W2 Y2 W3 Y3 W4 Y4 W5 Y5 W6 Y6 Y7 W7 W8 Y8 W9 Y9 W10 Y10 W11 Y11 W12 Y12 V3 V4 U2 U3 R2 R3 N2 N3 M2 M3 K2 K3 H2 H3 F2 F3 D2 D3 B11 A11 A10 B10 B9 A9 A8 B8 A7 B7 B6 B5 A6 K1 L1 M1 N1 P1 R1 EGP (Exposed Ground Paddle) Top View – WM8326 2 ORDERING INFORMATION ORDER CODE OTP TEMPERATURE RANGE (TA) PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8326GEFL/V Unprogrammed -40 C to +85C 81-lead QFN (8 x 8mm) (Pb-free) MSL3 260 C WM8326GEFL/RV Unprogrammed -40 C to +85C 81-lead QFN (8 x 8mm) (Pb-free, tape and reel) MSL3 260 C WM8326GEFLxxx/RV* Custom -40 C to +85C 81-lead QFN (8 x 8mm) (Pb-free, tape and reel) ** MSL3 260 C Note: Reel quantity = 2200 * xxx = Unique OTP part number ** Custom OTP minimum order quantity 22,000. |