データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM51155 データシート(PDF) 37 Page - ITT Industries

部品番号 DM51155
部品情報  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

DM51155 データシート(HTML) 37 Page - ITT Industries

Back Button DM51155 Datasheet HTML 33Page - ITT Industries DM51155 Datasheet HTML 34Page - ITT Industries DM51155 Datasheet HTML 35Page - ITT Industries DM51155 Datasheet HTML 36Page - ITT Industries DM51155 Datasheet HTML 37Page - ITT Industries DM51155 Datasheet HTML 38Page - ITT Industries DM51155 Datasheet HTML 39Page - ITT Industries DM51155 Datasheet HTML 40Page - ITT Industries DM51155 Datasheet HTML 41Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
36
D Subminiature
D*A
Crimp Connectors without Contacts
Part Numbers
Shell Size
Layout
Through Hole
DE
9
DEA9PK87FO
DA
15
DAA15PK87FO
DB
25
DBA25PK87FO
DC
37
DCA37PK87FO
Note: For crimp (size 20) contacts and tooling, see pages 83 & 275.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Plug
Engaging Face
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 30-31.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
10
°
D
E
C
B
A
Ø 3,05 (.120)
POSITION 1
10,93 (.430)
L
K
F
W