データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PXR40PB データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 PXR40PB
部品情報  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
— Channel context switch time is six system cycles. Each channel has its own context of static
data memory and timer hardware resources consisting of programmable flags, timer control
and status hardware
— SPRAM shared between host CPU and eTPU, supporting communication either between
channels and host or inter-channel
— Dual-parameter coherency hardware support allows atomic access to two parameters by host
— Enhancements to DMA and interrupt structure to allow any channel to assert any interrupt
source or DMA trigger1
•
Test and development support features:
— IEEE-ISTO 5001-2003 standard class 3 compliant for the eTPU (Nexus)
— Data trace via data write messaging and data read messaging
— Ownership trace via ownership trace messaging (OTM)
— Program trace via branch trace messaging
— Watchpoint messaging via the auxiliary port
— SCM continuous signature-check built-in self test (MISC — multiple input signature
calculator), runs concurrently with eTPU normal operation
2.5.7
Software watchdog timer (SWT)
The software watchdog timer (SWT) is a second watchdog module to complement the standard Power
Architecture watchdog integrated in the CPU core. When enabled, the SWT requires periodic execution
of a watchdog servicing sequence. Writing the sequence resets the timer to a specified time-out period. If
this servicing action does not occur before the timer expires the SWT generates an interrupt or hardware
reset. The SWT can be configured to generate a reset or interrupt on an initial time-out, a reset is always
generated on a second consecutive time-out.
The following features are implemented:
•
32-bit time-out register to set the time-out period
•
Programmable selection of system or oscillator clock for timer operation
•
Programmable selection of window mode or regular servicing
•
Programmable selection of reset or interrupt on an initial time-out
•
Master access protection
•
Hard and soft configuration lock bits
•
Reset configuration inputs allow timer to be enabled out of reset
2.5.8
Periodic interrupt timer (PIT)
The periodic interrupt timer (PIT) is an array of timers that can be used to generate interrupts and trigger
DMA channels. It also provides a dedicated real-time interrupt timer (RTI), which runs on a separate clock
and can be used for system wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23