| データシートサーチシステム |
|
PXS20PB データシート(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PXS20PB データシート(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 30 page ![]() Freescale Semiconductor Product Brief Document Number: PXS20PB Rev. 1, June 2011 Contents © Freescale Semiconductor, Inc., 2011. All rights reserved. The PXS20 series microcontrollers are system-on-chip devices that are built on Power Architecture® technology, are 100% user-mode compatible with the classic Power Architecture® instruction set, contain enhancements that improve the architecture’s fit in embedded applications, include additional instruction support for digital signal processing (DSP), and integrate technologies to support highly reliable and safe operation across a range of industrial, medical and transportation safety critical applications. These microcontrollers include a rich set of peripherals for complex real time control, such as an enhanced timer unit, analog-to-digital converters, and multiple serial communications modules. The PXS20 is designed for applications requiring a high Safety Integrity Level (SIL). All devices in this family are built around a dual core safety platform with an innovative safety concept that reduces system cost and effort for the customer to achieve IEC61511 or IEC61508 certification of their PXS20 Product Brief 32-bit Power Architecture® Microcontrollers for Highly Reliable and Safe Operation Across a Range of Industrial, Medical, and Transportation Safety Critical Applications 1 Application Examples . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2.1 PXS20 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2.2 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.3 Operating Parameters . . . . . . . . . . . . . . . . . . . . . . . 6 2.4 Modes of Operation . . . . . . . . . . . . . . . . . . . . . . . . . 7 2.5 Module Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 3 Developer Support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 4 Orderable Parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 5 Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 |
同様の部品番号 - PXS20PB |
|
同様の説明 - PXS20PB |