| データシートサーチシステム |
|
DAMM15SD データシート(PDF) 19 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15SD データシート(HTML) 19 Page - ITT Industries |
|
19 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 18 D Subminiature ZED* 90 ° Solder Termination (Stamped) — Standard Footprint .318 inch Part Numbers Shell Size Layout Plastic Bracket, Integrated Grounding Strap, Boardlock, Threaded Insert #4-40 UNC Plastic Bracket, Integrated Grounding Strap, Boardlock, Screw Lock #4-40 UNC DE 9 ZEDEL9PBA ZEDE9PBA DA 15 ZEDAL15PBA ZEDA15PBA DB 25 ZEDBL25PBA ZEDB25PBA DC 37 ZEDCL37PBA ZEDC37PBA Note: For contacts with 30 microinches of gold add -30. Example: ZEDEL9PBA-30 Dimensions Shell Size A ±0,38 (.015) B ±0,25 (.010) C ±0,25 (.010) DE 30,89 (1.216) 16,92 (.666) 24,99 (.984) DA 39,09 (1.539) 25,25 (.994) 33,32 (1.312) DB 53,09 (2.090) 38,96 (1.534) 47,04 (1.852) DC 69,40 (2.732) 55,42 (2.182) 63,50 (2.500) Plug Engaging Face Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 14-15. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. For hardware views (Standard), see page 226. A C B 10 ° 2X GROUNDING HOOK 12,93 - 12,17 (.509 - .479) 8,61 - 8,11 (.339 - .319) 2X SCREW LOCK #4-40 UNC 9,77 - 9,27 (.387 - .365) 6,09 - 5,59 (.240 - .220) 18,45 - 17,69 (.726 - .696) 4,06 - 3,30 (.160 - .130) 2,84 (.112) 8,33 - 7,83 (.328 - .308) |