| データシートサーチシステム |
|
DAMM15SD データシート(PDF) 213 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15SD データシート(HTML) 213 Page - ITT Industries |
|
213 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 212 D Subminiature Accessories Locking Hardware Spring Latch Assemblies ITT Cannon offers the largest variety of locking and latching hardware. Refer to the accessories selection guide on pages 198-199 for use with ITT Cannon Connectors. Product Features Low Cost Minimizes field connection time Positive lock between connectors Packaged 2 kits per bag Materials and Finishes Material: Stainless Steel Treatment: Passivated Locked Unlocked Spring Latch Plate Assembly #4-40 SCREW PLATE, LATCH CONNECTOR, EITHER PIN OR SOCKET WASHER, LOCK #4-40 NUT, HEX Shell Size Layout Part Number A ±0,38 (.015) B ±0,38 (.015) DE, DA, DB, DC 9, 15, 25, 37 D110278 12,42 (.489) 14,35 (.565) DD 50 D110280 15,47 (.609) 17,09 (.673) Kit consists of 1 plate, 1 screw, 1 lock washer, 1 hex nut Order 2 kits per connector Spring Latch Assembly Shell Size Layout Part Number A ±0,38 (.015) B ±0,38 (.015) C ±0,51 (.020) DE, DA, DB, DC 9, 15, 25, 37 D110277 12,42 (.489) 14,35 (.565) 18,59 (.732) DD 50 D110279 15,49 (.609) 17,09 (.673) 18,59 (.732) Kit consists of 1 spring, 1 screw, 1 bracket, 1 lock washer, 1 hex nut Order 2 kits per connector Front panel mounting * Dimension does not apply to rear panel mounting. #4-40 NUT, HEX #4-40 THD x 7,92 (.312) SCREW 2,41 - 1,52 (.095 - .060) PLATE, LATCH 15,57 ± 0,64 (.613 ± .025) A B SPRING LATCH MOUNTING PLATE #4-40 THD x 7,92 (.312) SCREW #4-40 NUT, HEX *2,41 - 1,52 (.095 - .060) C LATCH, SPRING #4-40 SCREW SPRING LATCH MOUNTING BRACKET CONNECTOR, EITHER PIN OR SOCKET WASHER, LOCK #4-40 NUT, HEX LATCH, SPRING |