| データシートサーチシステム |
|
RT8750 データシート(PDF) 13 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT8750 データシート(HTML) 13 Page - Richtek Technology Corporation |
|
13 / 21 page ![]() 13 RT8750 DS8750-01 April 2011 www.richtek.com Input terminal forward/reverse control (STM 2-2 phase drive) CH1/2 mode setup = 010 : PWM Mode 3 Serial Control Input bit Input Terminal Output Terminal Mode IN1A IN1B IN2A IN2B IN1 IN2 OUT1A OUT1B OUT2A OUT2B CH1 CH2 0 0 0 0 X X Z Z Z Z Off Off 0 1 0 1 H H H L H L Forward Forward 0 1 0 1 L H L H H L Reverse Forward 0 1 0 1 L L L H L H Reverse Reverse 0 1 0 1 H L H L L H Forward Reverse Serial Control Input bit Output Terminal Mode IN1A IN1B IN2A OUT1A OUT1B OUT2A OUT2B CH1 CH2 1 1 0 H L H L Forward Forward 0 1 1 Z Z H L OFF Forward 0 1 0 L H H L Reverse Forward 0 0 1 L H Z Z Reverse Off 0 0 0 L H L H Reverse Reverse 1 0 1 Z Z L H Off Reverse 1 0 0 H L L H Forward Reverse 1 1 1 H L Z Z Forward Off Serial Control (STM 1-2 phase control) CH1/2 mode setup = 100 : serial mode; DCM/STM mode setup = 1 (IN1A, IN1B, IN2A) = (1, 1, 0) (0, 1, 0) (0, 0, 0) (1, 0, 0) = STM 2-2 phase control STM-1 DCM-1 DCM-2 DCM-3 OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT5A STM-1 DCM-3 OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT5A STM-2 CH1/2/3, CH3/5 Exclusive control function table Note 6. The CH1/3 exclusive mode constitutes one DCM motor and the electrical current in the OUT1A → OUT3A direction is assigned as “forward direction”. Note 7. The CH2/3 exclusive mode constitutes one DCM motor and the electrical current in the OUT2A → OUT3B direction is assigned as “forward direction”. Note 8. The CH3/5 exclusive mode constitutes one DCM motor and the electrical current in the OUT3A → OUT5A direction is assigned as “forward direction”. Note 9. The CH13/23 exclusive mode constitutes one STM motor and the electrical current in the OUT1A OUT3A and OUT2A → OUT3B direction is assigned as “forward direction”. Figure 3. CH1/3, CH2/3, CH3/5 exclusive control mode Figure 4. CH1/2/3, CH3/5 exclusive control mode |