データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD01307 データシート(PDF) 1 Page - Winchester Electronics Corporation

部品番号 SD01307
部品情報  40 AMP POWER RECEPTACLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINCHESTER [Winchester Electronics Corporation]
ホームページ  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SD01307 データシート(HTML) 1 Page - Winchester Electronics Corporation

  SD01307 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OF
1
SHT
A
B
ANGLES: ± 2°
SCALE: 8:1
W
SD01307
REV
40 AMP POWER RECEPTACLE
DATE
JWH
REVISED PER
DRAWING
ronics
DATE
DRAWN
Winchester Electronics Corporation
lec
Wallingford, Connecticut 06492
CUSTOMER
t
62 Barnes Industrial Road North
BY
ER7306
DESCRIPTION
B
REV
10/18/00
JMC
DATE
APPROVED
10/18/00
KJT
DATE
APPROVED
10/18/00
JED
DATE
APPROVED
10/16/00
APPD
E
er
t
inches
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
1
.020 .51
.040 1.02
.33 8.38
.250 6.35
.220
MIN. PAD
5.59
RECCOMENDED P.C. BOARD LAYOUT
SCALE 4:1
CATALOG P/N: 01307
NOTES: UNLESS OTHERWISE SPECIFIED
1. FOR GENERAL SERIES SPECIFICATIONS, SEE SD74-0000.
2. MATERIAL SPECIFICATIONS:
B05 PER UNS 53800
3. FINISH SPECIFICATIONS:
.000030 MIN. GOLD OER ASTM B488 OVER .000050 MIN. NICKEL PER AMS QQ-N-290.
4. ELECTRICAL SPECIFICATIONS:
CURRENT RATING: 20 AMP.
5. FOR USE WITH 14 GA WIRE OR EQUIVALENT.
6. REFER TO CAP10-01 FOR CABLE ASSEMBLY PROCEDURE.
.218 5.54
4X .078 1.98


同様の部品番号 - SD01307

メーカー部品番号データシート部品情報
logo
Winchester Electronics ...
SD01332 WINCHESTER-SD01332 Datasheet
27Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 14 AWG, 20 AMP
SD01333 WINCHESTER-SD01333 Datasheet
73Kb / 1P
POWER SNAP SURFACE MOUNT 40 AMPS
SD01347 WINCHESTER-SD01347 Datasheet
72Kb / 1P
POWER SNAP SURFACE MOUNT TAPE AND REELED 40 AMP
SD01348 WINCHESTER-SD01348 Datasheet
29Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 20 AMP, 14 AWG
SD01358 WINCHESTER-SD01358 Datasheet
28Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
More results

同様の説明 - SD01307

メーカー部品番号データシート部品情報
logo
Winchester Electronics ...
50230 WINCHESTER-50230 Datasheet
63Kb / 1P
DIN HIGH POWER R/A RECEPTACLE 40 AMP
SD321-000-0060A WINCHESTER-SD321-000-0060A Datasheet
56Kb / 1P
DIN HIGH POWER R/A RECEPTACLE 40 AMP
logo
Picker Components
PC740 PICKER-PC740 Datasheet
229Kb / 2P
40 Amp Power Relay
logo
Winchester Electronics ...
221-010-0045G WINCHESTER-221-010-0045G Datasheet
65Kb / 1P
RDM HIGH POWER PC RECEPTACLE 40 AMP
221-010-00403G WINCHESTER-221-010-00403G Datasheet
65Kb / 1P
POWER PC RECEPTACLE 40 AMP
221-510-0000G WINCHESTER-221-510-0000G Datasheet
55Kb / 1P
POWER PC RECEPTACLE 40 AMP
01307 WINCHESTER-01307 Datasheet
70Kb / 1P
40 AMP POWER RECEPTACLE
logo
Picker Components
PC740 PICKER-PC740_16 Datasheet
643Kb / 4P
40 Amp Power Relay
PC740 PICKER-PC740_17 Datasheet
1Mb / 4P
40 Amp Power Relay
PTRD PICKER-PTRD_17 Datasheet
3Mb / 3P
40 Amp Power PCB Relay
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com