| データシートサーチシステム |
|
BDT63C データシート(PDF) 2 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
BDT63C データシート(HTML) 2 Page - Comset Semiconductor |
|
2 / 5 page ![]() BDT63-A-B-C 26/09/2012 COMSET SEMICONDUCTORS 2 | 5 SEMICONDUCTORS ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit IB Base Current BDT63 250 mA BDT63A BDT63B BDT63C PT Power Dissipation @ Tmb < 25° BDT63 90 W BDT63A BDT63B BDT63C TJ Junction Temperature BDT63 150 °C BDT63A BDT63B BDT63C Ts Storage Temperature range BDT63 -65 to +150 BDT63A BDT63B BDT63C Limiting values in accordance with the Absolute Maximum System (IEC 134) THERMAL CHARACTERISTICS Symbol Ratings Value Unit RthJ-MB From junction to mounting base BDT63 1.39 K/W BDT63A BDT63B BDT63C RthJ-A From junction to ambient in free air BDT63 70 K/W BDT63A BDT63B BDT63C |