| データシートサーチシステム |
|
1737000000 データシート(PDF) 21 Page - Weidmuller |
|
|
|||||||||||||||||||||||||||||
1737000000 データシート(HTML) 21 Page - Weidmuller |
|
21 / 22 page ![]() Cable glands 64 Technical data Material: Polyamide Temperature: -20°C ... +70°C Protection class: IP 65 Colour: similar black RAL 9005 We recommend the the use of EWS drain stoppers to prevent the building up of condensation water within enclosures, and also to guarantee sufficient ventilation. PG 16 Ordering data Type Thread Qty. Cat. No. EWS PG16 PG 16 25 1719730000 EWS M 25x1.5 M 25 x 1.5 25 1719740000 Drain stopper T Technical data Material: Körper BD 1 Blank brass or stainless steel 1.4404 BD 2 Blank brass or stainless steel 1.4404 DLP Blank brass or stainless steel 1.4404 Filter BD 1 Sinter nickel - chrom insert BD 2 Sinter nickel - chrom insert DLP Sinter nickel - chrom insert Sealing BD 1 Nylon seal BD 2 Nitril O-ring DLP Nitril O-ring Mounting: BD 1 Direct mounting in available M 16 x 1.5 connection thread or with lock nut in 16-mm round hole BD 2 Flanged fixing made with fourM 4 hexagon head screws washer and self locking lock nut DLP Direct mounting in available M 20 x 1.5 connection thread or with lock nut in 20 mm round hole Protection BD 1 IP 54 in accordance with IEC 529 class: BD 2 IP 54 in accordance with IEC 529 DLP IP 66 Approvals: BD 1 EEx e II i.a.w. EN 50019 Components certification 86B3174U BD 2 EEx e II i.a.w. EN 50019 Components certification 86B3174U DLP EEx e II i.a.w. SIRA99ATEX3050U Ordering data Type Material Qty. Cat. No. BD 1 Brass 1 3883400000 BD 1 Stainless steel 1 3883500000 BD 2 Brass 1 3884300000 BD 2 Stainless steel 1 3884400000 DLP Brass 1 3080760000 DLP Stainless steel 1 3080770000 Breather Drains T BD 1 BD 2 DLP 99ATEX3050U |