| データシートサーチシステム |
|
LM7805CT データシート(PDF) 3 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
LM7805CT データシート(HTML) 3 Page - Comset Semiconductor |
|
3 / 3 page ![]() LM7805CT - LM7812CT- LM7824CT 02/10/2012 COMSET SEMICONDUCTORS 3/3 MECHANICAL DATA CASE TO-220 DIMENSIONS (mm) Min. Max. A 9,90 10,30 B 15,65 15,90 C 13,20 13,40 D 6,45 6,65 E 4,30 4,50 F 2,70 3,15 G 2,60 3,00 H 15,75 17.15 L 1,15 1,40 M 3,50 3,70 N - 1,37 P 0,46 0,55 R 2,50 2,70 S 4,98 5,08 T 2.49 2.54 U 0,70 0,90 Revised September 2012 Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical components in life support devices or systems. www.comsetsemi.com info@comsetsemi.com Pin 1 : Input Pin 2 : Ground Pin 3 : Output |